Part Number Hot Search : 
TDA3616 KA78L15A 63D39 C74UL0 MLN1033S 74ACT245 1N541 PD4M441L
Product Description
Full Text Search
 

To Download PIC33FJ32MC104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16-bit microcontrollers & dspic? digital signal controllers ? motor control and digital power peripherals ? extreme low power ? usb and can connectivity ? integrated graphics drivers ? usb and can connectivity ? integrated graphics drivers digital signal controllers digital power peripherals ? usb and can connectivity ? usb and can connectivity ? integrated graphics drivers pic24 pic24 pic24 digital signal controllers ds pic33 pic33 www.microchip.com/16bit 16-bit embedded control solutions pic24 microcontrollers ? dspic? digital signal controllers 16-bit microcontrollers and digital signal controllers
2 16-bit embedded control solutions 16-bit embedded control solutions resources available at www.microchip.com/16bit product i nformation application solutions design tools web seminars applicatio n notes and reference designs the top challenges facing todays embedded system designer are attaining product specification and performance goals, achieving on-time market launch and meeting cost targets. microchips 16-bit microcontroller and digital signal controller families deliver the performance, peripherals, software and hardware development tools to meet these objectives. integrated dsp look and feel of mcu single-cycle 16 16 mac 40-bit accumulators dual operand fetches saturation and rounding modes free libraries and low-cost f lter design tools powerful 16-bit cpu coremark?/mhz 1.88 (eembc certif ed) single-cycle execution deterministic interrupt response single-cycle bit manipulation single-cycle multiply zero overhead looping fast dma: no c ycle stealing innovative peripherals motor control peripherals smps peripherals graphics controller ctmu for mtouch? technology usb device/embedded host/otg can peripheral trigger generator intelligent analog small packages packages as small as 5 5 mm 16-bit mcu with 128 kb flash in a 6 6 mm package peripheral pin select allows access to the peripherals needed flexible flash high endurance, f exible and secure flash advanced security features program and data storage self-program features power saving options extreme low power technology deep sleep current as low as 10 na options to reduce speed or disable cpu application software can alter clock speeds v bat battery backup broad portfolio 16C70 mips, dsp options 4C512 kb flash 256bC96 kb ram 14C144 pins ef? cient energy longer battery life in portable applications high-eff ciency motor control platinum-rated digital power supplies easy migration unif ed development environment industry-leading code eff ciency lower total system cost faster time-to-market high performance peripherals fast and f exible pwms integrated adcs, op amps, dacs, lcd connectivity with usb, can, lin free software & reference designs shorten design cycle and reduce risk usb, tcp/ip, graphics and wireless stacks motor control example software dsp math function library (fft, iir, etc.) reference designs for digital power and lighting applications dspic ? digital signal control ler families deliver the performance, peripherals, software and hardware development tools to meet these objectives. digital signal control ler control ler pic24
3 16-bit embedded control solutions 16-bit embedded control solutions advanced motor control with dspic? dscs portfolio dspic motor control dscs feature a high-performance cpu with motor control peripherals. the silicon solutions are backed up by free advanced software application libraries and motor control algorithms. flexible motor control development boards support a wide variety of motors and help you to reduce your design risk and development efforts. visit www.microchip.com/motor for more information. extreme low power (xlp) solutions xlp technology brings together the design and process technologies needed to address todays low-power applications. with sleep currents down to 10 na and industry-leading integration that includes usb, peripheral pin select (pps) and mtouch capacitive sensing, xlp products can help you extend the life of your battery- powered application. visit www.microchip.com/xlp for more information. enhancing connectivity to your embedded control applications whether you are considering wired or wireless connectivity, microchip supports a wide variety of communications protocols with extensive design resources and software libraries. its easy to pair the pic24 or dspic dsc devices with microchips bluetooth? or wi-fi? modules for connecting to other systems. microchip offers zigbee? pro, miwi? protocol and irda? library stacks for wireless connectivity and ethernet, can and usb library stacks for wired connectivity. visit www.microchip.com/connectivity for more information. digital power for improving ef? ciency and optimizing the bom implementing advanced software digital control loops for power applications requires a high-performance dsp engine along with specialized peripherals. the dspic gs family of dscs feature a high-performance cpu and rich peripherals including 4 msps 10-bit adc, 1?nsec resolution pwm and analog comparator with 10 nsec response time. complete reference designs and application solutions from microchip will help you to get started. visit www.microchip.com/power for more information. high temperature rated devices quali? ed to aec-q100 requirements several pic24hj and dspic33fj devices are rated for operation up to 150oc ambient. these devices provide up to 20 mips processing power plus digital signal processing, lin/can connectivity, motor control and 10/12-bit adc performance for stringent automotive and industrial applications. aec-q100 grade 0 (150oc) devices have been released as well. visit www.microchip.com/hightemp for the latest products. graphics display solutions graphics displays are gaining popularity in user interface. they are easy to add to your application using the pic24f da family with integrated graphics controller and hardware acceleration. with microchips free graphics library and development tools, you can quickly integrate graphics display functions into your application using a single microcontroller. visit www.microchip.com/graphics for more information.
4 high-performance cpu single-cycle execution (most instructions) c compiler optimized instruction set 16-bit wide data path 76 base instructions: mostly 1 word/1 cycle 16, 16-bit general purpose registers software stack 16 16 signed fractional/integer multiplier 32/16 and 16/16 divide 40-stage barrel shifter dsc additions: ? ?? ? adds eight base dsp instructions ? ?? ? two 40-bit accumulators with rounding and saturation options ? ?? ? single core combines mcu and dsp features ? ?? ? adds modulo and bit-reverse address modes up to 15 dma channels between ram and peripherals system management flexible clock options: ? ?? ? primary external clock, crystal, resonator ? ?? ? secondary lower power 32 khz oscillator ? ?? ? internal rc: fast or low power ? ?? ? integrated low jitter pll (pll sourced by ext. and int. clock sources) programmable power-up timer oscillator start-up timer/stabilizer watchdog timer with its own rc oscillator clock switching/fail-safe clock monitor support for 3v and 5v applications flexible temperature ranges ? ?? ? ?40 to 85c industrial temp. ? ?? ? ?40 to 125c extended temp. ? ?? ? ?40 to 150c high temp. interrupt controller five cycle fxed latency up to 118 interrupt sources, up to fve external seven programmable priority levels four processor exceptions and software traps vectored interrupts power management switch between clock sources in real-time programmable power-on reset start up programmable high/low voltage detect (hlvd) programmable brown-out reset idle, sleep and deep sleep modes with fast wake-up v bat for battery backup with rtcc 16-bit microcontroller (mcu) portfolio are costs, performance, low power and smaller packages important considerations for your next design? pic24 mcus offer a variety of peripherals, memory sizes and packaging choices. the 16 mips pic24f family is designed for low-power applications. the 40/70?mips pic24h/e mcus are designed for high-performance applications. both families have the same instruction set, share basic peripherals, have common pinouts and use the same tools for development. the pic24 families are compatible with dspic dscs for easy migration when additional performance or dsp capability is required. pic24f: lowest power 16-bit mcus with 16 mips performance and an extensive peripheral set including a graphics controller, usb device/embedded host/otg and capacitive touch sense interface, the pic24f mcus are cost-effective for low-power applications. serial communication peripherals include up to four uarts, three spi and three i 2 c?. with the introduction of xlp technology, select pic24f devices have industry- leading low-power performance with sleep numbers as low as 10?na and rtcc operation down to 400 na. pic24e: highest performance 16-bit mcus pic24e devices offer up to 70 mips performance with a combination of large memory and a wide variety of package options. they also include large flash in smaller packages (5 5 mm). the built-in peripherals include a high-performance 12-bit adc and general purpose and motor control 16-bit pwms. communication peripherals include up to two can modules, four uarts (with irda support), four spi, two i 2 c and usb device/embedded host/otg. high-performance 16 channel direct memory access (dma) provides better data handling capability optimizing cpu throughput. aec-q100-qualified extended (125c) and high-temperature (150c) options for industrial and automotive applications are available. leading 16-bit performance and features 16-bit digital signal controller (dsc) portfolio does your embedded control application demand performance for advanced motor control, digital power, speech and audio processing? do you want to implement digital filters and fft algorithms for signal analysis? dspic dscs offer innovative peripherals and the necessary performance to meet these needs. our dspic family is a 100% pic mcu with enhanced math capabilities. dspic dscs blend the performance of dsp with the simplicity of an mcu. dspic33: highest performance 16-bit mcu with integrated dsp the dspic33 core is designed to execute and control high- speed precision digital control loops and digital processing up to 70 mips. the optimized motor control and digital power conversion peripherals include the highest performance adc, pwms, and analog comparators. a wide variety of memory and package options, communication peripherals, 15 channel dma and general purpose peripherals provide flexibility to your high-performance embedded control designs. aec-q100-qualified extended- and high-temperature options for industrial and automotive applications are available. example dspic? dsp performance function conditions* execution time @70 mips vector dot product n = 32 1.7 s matrix add c = 8, r = 8 3.1 s matrix transpose c = 8, r = 8 3.4 s block iir canonic n = 32, s = 4 17.0 s block fir n = 32 m = 32 17.5 s complex fft** n = 64 55.6 s *c = # columns, n = # samples, m = # taps, s = # sections, r = # rows **complex fft routine inherently prevents overflow. 1 cycle = 14.29 nanoseconds @ 70 mips 16-bit embedded control solutions
5 flexible integrated peripherals digital i/o peripheral pin select (pps) ? ?? ? remap digital i/o ? ?? ? supports most digital peripherals up to 122 programmable digital i/o pins wake-up/interrupt-on-change on up to 52 pins high current sink/source communication modules 3-wire spi: up to three modules ? ?? ? framing supports i/o interface to simple codecs i2c?: up to three modules ? ?? ? full multi-master and slave mode support ? ?? ? 7-bit and 10-bit addressing uart: up to four modules ? ?? ? interrupt-on-address bit detect ? ?? ? wake-up on start bit from sleep mode ? ?? ? 4-character tx and rx fifo buffers ? ?? ? lin and irda support usb device, host and otg ? ?? ? internal boost regulator requires minimal e xternal components ? ?? ? separate 3.3v regulator ? ?? ? transparent ram buffer interface can 2.0 (up to two modules) digital power peripherals 10-bit adc up to 4 msps, up to six sample and holds ps pwm, 1 ns duty cycle resolution analog comparators, 25 ns programmable reference timers/capture/compare/pwm timer/counters: up to nine 16-bit timers ? ?? ? can pair up to make 32-bit timers ? ?? ? one timer can run as real-time clock input capture: up to 16 channels ? ?? ? capture on rising, falling or both edges ? ?? ? 4-deep fifo on each capture output compare: up to 16 channels ? ?? ? dedicated timer ? ?? ? single or dual 16-bit compare mode ? ?? ? 16-bit glitchless pwm m ode auxilary functions lcd segment driver: ? ?? ? 60 segment 8 common driver graphics controller features: ? ?? ? 3 graphics hardware acceleration units ? ?? ? color look-up table with up to 256 entries ? ?? ? direct interface to monochrome, c-stn, tft, oled parallel master slave port (pmp/psp): ? ?? ? communicates with external data memory, communications peripherals, lcds ? ?? ? supports 8-bit or 16-bit data ? ?? ? supports 16 address lines hardware real-time clock/calendar (rtcc): ? ?? ? provides clock, calendar and alarm functions programmable crc generator charge time measurement unit (ctmu) ? ?? ? capacitive touch sense keypad i/f ? ?? ? provides 1 ns resolution time measurements ? ?? ? temperature sensing peripheral trigger generator (ptg) analog subsystems on-chip high-speed op amps ? ?? ? up to 10 mhz gain bandwidth analog comparators (up to 4): ? ?? ? programmable reference dac adc ? ?? ? 10-bit up to 1.1 msps, 4 s&h ? ?? ? 12-bit up to 1 msps ? ?? ? 16-bit sigma delta adc, two channels ? ?? ? buffered outputor dma ? ?? ? autoscanning ? ?? ? supports cvd touch motor control peripherals motor control pwm: up to 14 outputs ? ?? ? up to seven duty cycle generators ? ?? ? independent or complementary mode ? ?? ? programmable dead time settings ? ?? ? edge- or center-aligned pwms ? ?? ? manual output override control ? ?? ? up to 10 fault inputs ? ?? ? adc samples triggered by pwm module quadrature encoder interface module ? ?? ? up to two modules ? ?? ? phase a, phase b and index pulse input high current sink/source peripheral pin select 16/40/70 mips 16-bit core memory bus m ip s s 16 16 -bi t 17 x 17 mpy jt ag & emul. interface register file 16 x 16 barrel shifter address generation 16-bit alu interrupt control memory bus peripheral bu s 4-512 kb flash me me m mo r y 512b-96 kb ram dma bu s b 0-512b eeprom lcd segment drive integrated graphics display controller color lookup tabl e graphics acceleration units usb on-the-go ctmu op amp/analog comp., 0- 4 wa tchdog & pwr mgmt . 16/32-bit ti mers input captur e out comp./pwm uart , 1-4 spi, 1-4 i 2 c? , 1- 3 pmp crc rtcc dsbor dswdt int0 deep sleep v ba t dac/op amps pmp 32-bit crc, gp i/o can, 0-2 adc 10-, 12- or 16-bit pic24 & dspic dsc family block diagram 16-bit embedded control solutions
6 16-bit embedded control solutions intelligent analog summary analog design is difficult and consumes precious development time. microchips intelligent pic? mcus integrate analog functions such as high-performance analog-to-digital converters (adcs), digital-to-analog converters (dacs) and operational amplifiers (op amps), providing simple-to-use interfaces that ease analog design. this single-chip solution enables reduced system noise and provides higher throughput, while dramatically reducing design time and cost. bene? ts of analog integration eliminates the complicated task of debugging the noise sources that reduce analog signal integrity removes the bottleneck of communicating to the microcontroller from analog provides consistent analog performance that can be leveraged from design to design, eliminating analog design rework through intelligent connections made inside the chip, the analog is fully controlled by software benef ts include a simplif ed design cycle, board space savings, faster throughput and better signal integrity intelligent analog leads to lower-cost designs that are brought to market faster target applications environmental quality sensors portable medical equipment (glucose meters, portable ecgs, pulse oximeters, blood pressure meters) industrial equipment (gas sensors, handhald multi-meters, lab instrumentation, e-meters, sensor arrays) featuring the pic24fj128gc010 family with intelligent analog the pic24 gc family integrates a precision 16-bit adc, high-speed 12-bit adc, dac and op amps with interconnect fabric providing the most analog integration available in a pic mcu. with on-chip usb and segmented lcd driver, this family is ideal for portable devices with user interfaces. 16-bit sigma delta adc 12-bit 10 msps pipeline adc 10-bit 1 msps dac dual op amps extreme low power: 18 na deep sleep, 180a/mhz run mplab? starter kit for pic24f intelligent integrated analog (dm240015) this kit inlcudes an analog header for clean analog signals and plugs into breadboards. the board includes connections for microphone, headphones as well as on-board light and temperature sensors. the segmented display showcases custom icons and a scrolling banner. the board also includes cap touch buttons, usb connection and easy connection for rf modules. pic24fj128gc010 block diagram pic24fj128gc010 mcu family 16-bit alu address generation barrel shifter jtag & emul. interface 17 x 17 mpy register file 16x16 16 mips 32 mhz core memory bus peripheral bus peripheral pin select analog interconnect deep sleep xlp v bat adc, 16-bit, 2ch sigma delta adc, 12-bit, 50ch dac, 10-bit, 2ch 2 op amps 16-bit timers - 5 ic / oc / pwm - 5 uart - 2 spi - 2 i 2 c? - 2 usb - otg lcd driver / 472 segments ctmu for touch parallel master port crc ds brown-out reset ds watchdog timer interrupt 0 real-time clock calendar 64-128 kb flash 6 channel dma 8 kb ram interrupt control www.microchip.com/intelligentanalog
7 16-bit embedded control solutions pic24 with extreme low power 16-bit extreme low power (xlp) products energy conservation is becoming essential for the growing number of electronic applications. many require low power and, in extreme cases, need to be able to run for up to 15C20 years from a single battery. products with microchips extreme low power (xlp) technology offer the industrys lowest currents for sleep, where most applications spend 90C99% of their time. these devices are ideal for a variety of applications including portable medical devices, thermostats, energy monitoring, wireless sensors, energy harvesting and security. extreme low power (xlp)the benchmark in low power ? ??? down to 10 na in deep sleep ? ??? as low as 400 na with rtcc active fast wake-up from deep sleep ? ??? minimizes cpu run time ? ??? flexible wake-up sources eff cient instruction set; 90% single-cycle instruction ? ??? active mode currents as low as 150 a/mhz ? ??? coremark/mhz of 1.88, 12.53 coremark/ma software and application notes xlp battery life estimator the xlp battery life estimator is a free software utility to aid you in developing low-power applications. the tool estimates average current consumption and battery life. the utility allows users to select the target device, battery type, the applications operating conditions (such as voltage and temperature) and model the active and power-down times for their application. the tool comes pre-loaded with specifications of microchips pic microcontrollerss featuring nanowatt xlp technology and commonly used batteries in embedded applications. app notes an1416: low power design guide: a single source for low power consumption from the viewpoint of the mcu an1267: nanowatt xlp technology: an introduction to microchip?s low-power devices development tools nanowatt xlp 16-bit development board (dm240311) the xlp 16-bit development board is designed with extreme low power in mind. designed as a true platform for low- power development, it enables designs with sleep currents as low as 10 na. the board is suitable for prototyping many low- power applications including rf sensors, data loggers, temperature sensors, electronic door locks, metering sensors, remote controls, security sensors, smart cards and energy harvesting. the pictail? interface supports microchips extensive line of daughter cards for easy evaluation of your next low-power application. mplab real ice? in-circuit emulator power monitor (ac244008) this add-on board fills the need for low-power monitoring and debugging. breakpoints indicate when current exceeds a specified threshold and provides a graph of current, voltage and time versus code execution. it also uses time-stamping with 100 ns resolution to find large current codes. ba tte ry li fe na nowa tt xl p vs . co mp et it io n (rtcc on, run 1 ms /m in., cr2032 lithium button cell battery) pi c2 4f16ka102 co mp et it or tc om peti to r a 20 y ear s pi c 24f16ka102 competitor t co mp et it or a 500 days 800 days featured xlp products pic? mcu with xlp technology flash (kb) pins sleep (na) deep sleep (na) wdt (na) 32 khz sosc/rtcc (na) a/mhz pic24f16kl402 4C16 14/20/28 30 C 210 690 150 pic24fj64gb004 32C64 28/44 200 20 200 500 250 pic24fj128ga310 64C128 64/100 330 10 270 400 150 pic24fj128gc010 64C128 64/100 330 10 270 400 150 www.microchip.com/xlp
8 16-bit embedded control solutions 16-bit motor control products high-performance dspic dsc core with dsp instructions for precise control ? ??? variable speed with constant torque using pi controllers ? ??? field oriented control (foc) for greater eff ciency industry-leading motor control peripherals dedicated motor control pwm modules high-performance on-chip op amps intelligent, high-speed adc algorithms and app notes for ? ??? bldc, pmsm, acim ? ??? sensorless control ? ??? field oriented control ? ??? certif ed class b safety software dual motor control with foc controlling each motor multiple package options, ranging from 28C144 pins scalable motor control tools with low- and high-voltage options webinar topics (www.microchip.com/motor) sensorless field oriented control for acim sensorless field oriented control for pmsm sensorless bldc motor control using a majority function brushed dc motor basics stepper motor control motor control software & app notes motor type algorithm app note stepper motor full and half-stepping an1307 micro-stepping an1307 bldc and pmsm sensored an957 sensored sinusoidal an1017 sensorless bemf an901 an992 sensorless filtered bemf with majority detect an1160 sensorless dual-shunt foc with smo estimator and field weakening an1078 sensorless dual-shunt foc with smo and pfc an1208 sensorless dual-shunt foc with pll estimator and field weakening an1292 sensorless single-shunt foc with smo estimator and field weakening an1299 ac induction motor open loop v/f an984 closed loop vector control an980 sensorless dual-shunt foc with pll estimator an1162 sensorless dual-shunt foc with pll estimator and field weakening an1206 other pfc an1106 class b safety software (iec 60730) an1229 motor control sensor feedback circuits an894 mosfet driver selection an898 current sensing circuit concepts and fundamentals an1332 featured motor control products product mips pins flash (kb) ram (kb) dma ch. input capture output compare/ std. pwm mc pwm qei internal op amps adc 10/ 12-bit 1.1/ 0.5 msps uart dspic33ep512gm710 70 100/121 128C512 16C48 4 8 8 12 ch 2 4 2, 49 ch 4 dspic33ep512gm706 70 64 128C512 16C48 4 8 8 12 ch 2 4 2, 30 ch 4 dspic33ep512gm604 70 44 128C512 16C48 4 8 8 12 ch 2 4 2, 18 ch 4 dspic33ep256mc202 70 28 32C256 4C32 4 4 4 6 ch 1 3 1, 6 ch 2 dspic33ep256mc204 70 44 32C256 4C32 4 4 4 6 ch 1 3 1, 9 ch 2 dspic33ep256mc206 70 64 32C256 4C32 4 4 4 6 ch 1 3 1, 16 ch 2 dspic33fj32mc101 16 20 16C32 1C2 0 3 2 6 ch 0 0 1, 4 ch 1 dspic33fj32mc102 16 28/36 16C32 1C2 0 3 2 6 ch 0 0 1, 8 ch 1 dsPIC33FJ32MC104 16 44 32 2 0 3 2 6 ch 0 0 1, 14 ch 1 www.microchip.com/motor
9 16-bit embedded control solutions motor control development boards dspic33 development systems motor control starter kit (mcsk) with mtouch sensing (dm330015) this starter kit with mtouch sensing is a complete, integrated development platform based on the dspic33fj16mc102. it includes a usb interfaced debugger programmer, a complete drive circuit featuring microchips tc4428 dual 1.5a gate drivers, an on-board bldc motor, a user-configurable switch and an mtouch slider with led indicators for speed control. simply power the board using the included 9v supply and the pre-loaded code begins to execute. dspicdem? mcsm stepper motor: motor control development board/kit (dm330022)/(dv330021) this development board is intended for low-voltage (up to 80 volts at 3 amps) 2-phase uni-polar or bi-polar stepper motor (4, 6 or 8 wire) applications. it provides a low-cost system for users to evaluate and develop applications using dspic33 motor control dscs via a plug-in module (pim) or 28-pin soic socket. a usb serial interface for rtdm is provided. feedback support includes current and voltage. demo software to run motors in open-loop or closed-loop with full or variable micro-stepping is provided. a dmci/rtdm gui for controlling step commands, motor parameter input and operation modes is included. the kit also includes a stepper motor and a 24-volt power supply. mplab icd 3 in-circuit debugger or mplab real ice in-circuit emulator is required for programming or debugging operations. dspicdem mclv-2 development board (dm330021-2) this development board is intended for low-voltage (up to 48 volts at 10 amps) bldc sensored or sensorless applications. it provides a low-cost system for users to evaluate and develop applications using dspic33f/e motor control dscs via a plug-in module (pim) or 28-pin soic socket. with the mclv-2, either the internal on-chip op amps or the external op amps on the mclv-2 board can be used. microchip provides pims for using either the internal or external op amps. the mclv-2 is fully backwards-compatible with the original mclv and all motor control processor plug-in modules (pims). serial interfaces include rs-232c, can, lin and usb (for rtdm). feedback support includes hall- effect sensors, shaft encoder, back emf voltages and single or dual shunt resistors for current. pickit? 3 debug express, mplab icd 3 in-circuit debugger or mplab real ice in-circuit emulator is required for programming or debugging operations. dspicdem mchv-2 development system (dm330023-2) this development system is intended for high-voltage (up to 400 volts at 6.5 amps) bldc, pmsm and acim sensored or sensorless applications. it provides a low-cost integrated power module (ipm) based system for users to evaluate and develop applications using dspic33f/e motor control dscs via a plug-in module (pim) or a 28-pin soic socket. with the mclv-2, either the internal on-chip op amps or the external op amps on the mclv-2 board can be used. microchip provides pims for using either the internal or external op amps. the mclv-2 is fully backwards-compatible with the original mclv and all motor control processor plug-in modules (pims). isolated serial interfaces include rs-232c and usb (for rtdm). feedback support includes hall-effect sensors, shaft encoder, back emf voltages and single or dual current shunt resistors. a pfc circuit is provided to meet regulatory requirements. an isolated built-in debugger (similar to a starter kit programmer/debugger) permits a direct connection with a pc. motors you can provide your own motor or purchase one of the motors used in our application notes which are guaranteed to run right out of the box: ac300024: 2-phase, 8-wire stepper motor ac300020: 24v bldc motor ac300022: 24v bldc motor with shaft encoder ac300023: 220v, ac induction motor
10 digital power and lighting 16-bit digital power and lighting products streamlined interoperation between pwm, adc and cpu high-performance core with dsp instructions ? ?? ? high-speed control loop execution for demanding power conversion applications ? ?? ? fast and predictable interrupts ? ?? ? zero wait-state execution from fash memory high-resolution pwms for digital power ? ?? ? very precise resolution of 1ns for duty cycle, phase shift, period and dead time ? ?? ? flexibility to control numerous power topologies optimized digital power conversion adc ? ?? ? hardware triggered for precision sampling and low cpu overhead complete reference designs and algorithms ? ?? ? ac/dc converter meeting platinum specifcation ? ?? ? llc resonant dc/dc converter ? ?? ? quarter brick dc/dc converter ? ?? ? solar micro inverter ? ?? ? interleaved power factor correction ? ?? ? offine ups webinar topics (www.microchip.com/power) building a dspic dsc smps system smps components and their effects on system design control system design for power converters smps topologies: the buck converter switch mode power supply topologies: the forward converter interleaved power factor correction offine ups using the dspic dsc software and app notes application solution an # description power factor correction in power conversion applications using the dspic? dsc an1106 this application note focuses primarily on the study, design and implementation of power factor correction (pfc) using a digital signal controller (dsc). switch mode power supply (smps) topologies (part i) an1114 this application note explains the basics of different types of smps topologies and their applications. the pros and cons of different smps topologies are also explained to guide the user to select an appropriate topology for a given application, while providing useful information regarding selection of components for a given smps design. switch mode power supply (smps) topologies (part ii) an1207 this application note is the second of a two-part series on switch mode power supply (smps) topologies. this series expands on the previous material in part i, and presents the basic tools needed to design a power converter. offine ups reference design an1279 the application note describes the design of an offine uninterruptible power supply (ups) using a switch mode power supply (smps) dspic digital signal controller (dsc). digital power interleaved pfc reference design an1278 the application note describes the design of an digital power interleaved pfc (ipfc) using a switch mode power supply (smps) dspic digital signal controller (dsc). quarter brick dc-dc reference design an1335 this application note describes the design of quarter brick dc-dc reference design using switch mode power supply (smps) dspic digital signal controller (dsc) dc-dc llc resonant converter reference design an1336 this application note describes the design of dc-dc llc resonant converter reference design using switch mode power supply (smps) dspic digital signal controller (dsc) grid connected solar microinverter an1338 this application note describes the design of grid connected solar microinverter reference design using switch mode power supply (smps) dspic digital signal controller (dsc) platinum-rated ac/dc reference design using the dspic dsc an1421 this application note presents a fully digital-controlled 720w ac-to-dc (ac/dc) power supply, which meets all csci platinum specifcations, as well as provides a variety of additional, application-specifc features and functions. featured digital power products product pins flash (kb) ram (bytes) ic/oc ps pwm adc analog compare uart/i 2 c?/ spi can dspic33fj06gs001 18/20 6 256 0/0 4 6 ch, 2 s&h 2 0/1/0 0 dspic33fj09gs302 28/36 9 1k 1/1 6 8 ch, 3 s&h 2 1/1/1 0 dspic33fj16gs504 44 16 2k 2/2 8 12 ch, 6 s&h 4 1/1/1 0 dspic33fj32gs406 64 32 4k 4/4 12 16 ch, 5 s&h 0 2/2/2 0 dspic33fj64gs606 64 64 9k 4/4 12 16 ch, 5 s&h 4 2/2/2 1 dspic33fj64gs610 100 64 9k 4/4 18 24 ch, 6 s&h 4 2/2/2 1 www.microchip.com/power 16-bit embedded control solutions
11 16-bit embedded control solutions digital power and lighting reference designs and development boards reference designs platinum rated 720w ac/dc reference design this reference design demonstrates the flexibility and power of dspic digital signal controllers in switch mode power supplies. this reference design has a peak efficiency of 94.1% and achieves the energy star? csci platinum level. it features a 2-phase interleaved power factor correction boost converter followed by a 2-phase interleaved two-switch forward converter with synchronous rectification. quarter brick dc/dc converter reference design this reference design provides an easy method to evaluate the performance and features of smps dscs in high- density quarter brick dc-dc converters for intermediate bus architectures (iba). this reference design is implemented using a single dspic33f gs digital power dsc that provides full digital control of the power conversion as well as system management functions. dc/dc llc resonant converter reference design this reference design operates over a wide input voltage range (350-420v dc) with a nominal input of 400v, providing a 12v dc output while maintaining high-voltage isolation between the primary and secondary. this reference design is implemented using a single dspic33f gs digital power dsc that provides full digital control of the power conversion and system management functions. digital power interleaved pfc reference design high-performance power supplies are used in a wide variety of applications ranging from telecommunication equipment, industrial equipment, digital televisions, lighting, air conditioners and other home appliances. they all need solutions for power factor correction to improve overall efficiency, improve the input power factor, voltage regulation and total harmonic distortion (thd) of the input current. digital pure sine wave uninterruptible power supply (ups) reference design this reference design demonstrates how digital power techniques applied to ups applications enable easy modifications through software and allow for the use of smaller magnetics, intelligent battery charging, higher efficiency, compact designs, reduction in audible and electrical noise via a purer sine-wave output, usb communication and low-cost overall bill-of-materials. grid connected solar micro inverter reference design this reference design ensures maximum power point tracking for pv panel voltages between 20v to 45v dc and has a maximum output power of 215 watts. high efficiency was achieved by implementing a novel interleaved active-clamp flyback topology with zero voltage switching (zvs). using dspic33f gs devices, designers can easily and cost effectively develop products using advanced switching techniques/topologies that lower switching losses and improve overall system efficiency. two versions of this design are available to support 120v and 230v grids additional information for all reference designs is available at www.microchip.com/power . development boards mplab starter kit for digital power (dm330017) this starter kit allows the user to easily explore the capabilities and features of the dspic33f gs digital power conversion family. it is a digitally controlled power supply board that consists of one independent dc/dc synchronous buck converter and one independent dc/dc boost converter. each power stage includes a mosfet controlled 5w resistive load. the starter kit includes an on-board debugger/programmer. digital led lighting development kit (dm330014) this led lighting development kit enables designers to quickly leverage the capabilities and performance of the dspic33 gs dscs to create a 100% digitally controlled ballast function, while including advanced features such as dimming and color hue control. the dspic33 gs devices can support an entire system implementation for led lighting products, including power-conversion circuits, such as ac-to-dc and dc-to-dc conversion, along with functions such as power factor correction (pfc). buck/boost converter pictail plus card (ac164133) a low-cost development platform for dspic33f gs devices, the buck/boost converter pictail plus card has two buck stage outputs and one boost stage output. various performance measures like digital control loop performance of power conversion, dynamic load performance, multi-phase buck and synchronous buck converter operation, parallel operation of two buck converters and multiple output control with a single dspic device can be evaluated. this board can be used with either the explorer 16 board or the 16-bit 28-pin starter board.
12 connectivity for pic24 mcu and dspic dsc families usb there are many pic24 mcu and dspic dsc families with integrated usb which include support for device, host and on-the-go functionality. these products are supported by the pic24f starter kit (dm240011), dspic dsc usb starter kit (dm330012) as well as the explorer 16 board (dm240001) with usb pictail plus daughter card (ac164131) and one of the usb processor plug-in modules (pims). microchips free usb framework includes usb software libraries as well as a comprehensive set of host and device drivers including human interface device (hid) class for user interfaces, and mass storage device (msd) class for memory devices as well as cdc, phdc, custom, audio, printer and demo code including thumb drive bootloader, and printer host. the usb libraries, drivers and demo code are all available with the mla download. ethernet applications using pic24 mcu and dspic dsc products often need to connect to the internet via wired or wireless capability. any of our pic24 mcu and dspic dsc products can easily be matched with the enc624j600 100 mbps ethernet mac/phy controller to add ethernet connection. an ethernet pictail plus daughter board (ac164132) is available to plug into the explorer 16 (dm240001) for developing embedded ethernet applications. microchips free tcp/ip stack is also available as part of the mla and includes modular protocol services for standard tcp/ip-based applications such as http server or ftp server and includes support for ssl, dns, tcp a n d u d p. irda the irda standard is an inexpensive method for providing wireless point-to-point communication. microchips free irda stack is available to support 16-bit mcus with integrated irda support, enabling a cost effective wireless connection with plenty of computing power left for other tasks. can and lin many of the dspic dscs and pic24 products include integrated can functionality which is ideal for applications requiring robust communications with a high-speed, reliable industry standard protocol. vector canbedded? and oscan? development solutions support pic24 mcu and dspic dsc products with embedded can controllers. lin support is integrated into many products for low-cost, single-wire serial communication for automotive applications. a can/lin pictail plus daughter board (ac164130-2) is available to plug into the explorer 16 (dm240001) for developing embedded can or lin applications. this must be used with a processor plug-in module (pim) for a compatible pic24 mcu or dspic dsc product. wireless microchip offers a wide range of wireless modules ranging from wi-fi, bluetooth, and various personal area networks. these fully-certified surface mount modules allow designers to quickly and seamlessly add wireless connectivity to their applications. for wireless sensors and other battery operated applications, the xlp pic24 mcus are ideal companions to microchips wireless modules, running the protocol stacks and offering very long battery life. stacks for these wireless protocols are available for the pic24 mcu and dspic dsc families including embedded wi-fi, zigbee and miwi wireless networking protocol. microchip offers support for a variety of wired and wireless communication protocols, including peripheral devices and solutions that are integrated with a microcontroller or digital signal controller. many of these communication libraries are integrated into the microchip libraries for applications (mla) which can be downloaded at www.microchip.com/mla . this includes software libraries, drivers and demo code. additional software libraries are listed at www.microchip.com/libraries . www.microchip.com/connectivity miw i ? ethernet can 16-bit embedded control solutions
13 16-bit embedded control solutions display and touch many 16-bit designs incorporate modern user interfaces to increase the usability, functionality and look of end products. more sophisticated displays and touch interfaces create higher impact designs, yet they must be cost effective and easy to integrate. microchips solutions allow for driving segmented or graphical displays with a single chip and offer integrated peripherals for touch buttons. segmented lcd displays the pic24fj128ga310 and pic24fj128gc010 families feature integrated segmented display drivers with up to 480 segments. key advantages include: direct drive of inexpensive, low-power displays integrated analog for sensor applications like temperature sensing in thermostats integrated touch sensing function for buttons or sliders graphical displays the pic24fj256da210 family features integrated graphics acceleration and a display controller to directly drive displays up to 4.3" wqvga with 480 272 resolution. this da family includes: dedicated graphics clock for a continuous, f icker-free display on-chip display controller provides direct interface to tft, stn and oled displays easy to use graphics processing units for hardware acceleration allow for moving and copying rectangles, decompressing images and rendering text without cpu intervention integrated color look-up table and 96 kb frame buffer support up to 8 bpp qvga with internal memory touch buttons: keys and sliders many pic24 mcus and dspic dsc products include touch sensing capability for implementing keys or sliders as an alternative to traditional push button switches using cvd or ctmu technology. this enables more modern and stylish designs, lower manufacturing costs and increased reliability. longer battery life with extreme low power mcus sensing through metal, plastic or glass high noise immunity and low emissions free mtouch sensing solutions software library enables easy integration development tools lcd explorer development board (dm240314) the lcd explorer provides an ideal platform to evaluate a mcu with a 8 common lcd driver on a 38 segment 8 common lcd display. pic24fj256da210 development kit (dv164039) this kit bundles the pic24fj256da210 development board (dm240312), a 3.2" truly 240 320 tft display board (ac164127-4), three graphics display prototype boards (ac164139), the mplab icd 3 debugger (dv164035) and also includes a usb cable and accessories. remote control demo board (dm240315-2) this board integrates graphics, mtouch technology, usb and rf4ce into a single demo. it features the pic24fj256da210 mcu, a 3.5" graphical tft lcd with resistive touch screen, capacitive touch keys with plastic overlay, an mrf24j40 2.4 ghz transceiver and a zena? wireless adapter. software and app notes free microchip graphics library the microchip graphics library is highly modular, easy to use and has an open documented interface for driver or controller support. the library supports the following features: pre-made graphics objects multiple fonts and languages user interface for mtouch sensing buttons, charts, check boxes, scroll bars, list boxes, images and basic animation free microchip graphics display designer the microchip graphics display designer for mplab x ide (gdd x) is a visual design tool that provides a quick and easy way of creating graphical user interface (gui) screens for graphical interface applications on microchip mcus. mtouch sensing technology source code and demos microchips mtouch sensing solutions provide a free and easy method for designers to add capacitive touch sensing to applications utilizing pic microcontrollers without the cost of fee-based licensing and royalty agreements. this source- code solution helps engineers quickly integrate touch sensing functionality with their existing application code in a single, standard microcontroller. app notes segmented lcd biasing & contrast control methods (an1428) developing graphics applications using an mcu with integrated graphics controllers (an1368) mtouch sensing solutions acquisition methods capacitive voltage divider (an1478) www.microchip.com/graphics www.microchip.com/lcd www.microchip.com/mtouch
14 16-bit embedded control solutions general purpose development and evaluation tools development boards a variety of hardware development boards are available for the pic24 mcu and dspic dsc, enabling designers to shorten their design cycle and quickly develop prototypes. these boards are designed to allow easy connection to an mplab icd 3 in-circuit debugger, mplab real ice in-circuit emulator or mplab pm3 device programmer. all development boards include documentation and example source code to accelerate your design. starter kits mplab starter kits are designed to demonstrate the key features of the device family they represent. in addition to the external circuit needed to support and demonstrate the device, the starter kits include the circuitry necessary to debug and program the mcus and dscs. when combined with the mplab x ide and the mplab xc16 compiler, these starter kits allow designers to quickly gain knowledge and experience in using the 16-bit mcu and dspic dsc products. mplab starter kit for pic24f mcus (dm240011) this starter kit is based on the pic24fj256gb110 family and is equipped with the hardware and software necessary to demonstrate the usb device/embedded host/otg peripheral and mtouch capacitive touch sense technology. dspic33e/pic24e usb starter kit (dm330012/dm240012) these starter kits provide a low-cost modular development system for microchips enhanced 16-bit dscs or high-performance mcus. they come with preloaded demo software to allow the user to explore the new features of the dspic33e dsc family or the pic24e mcu family. microsticks microsticks are usb-powered and include an on-board debugger/programmer. requiring no external debugger or power source, they are the most economical way to get started evaluating pic24 mcus or dspic dscs. the microsticks are fully supported by mplab x ide and provide easy plug-in to a standard breadboard with access to device signals for prototyping. these boards have a very small form factor and include free demo code. microstick for 3v pic24 k-series development board (dm240013-1) microstick for 3v pic24f k-series is a flexible, usb powered development platform. its the perfect solution for those looking to get started with microchips lowest cost 16-bit microcontroller families, the pic24f k-series, for extremely cost-sensitive applications. microstick ii development board ( dm330013-2) microstick ii delivers a low-cost, easy-to-use development platform for microchips 16- and 32-bit microcontrollers and digital signal controllers. the usb-powered kit includes an on-board debugger/ programmer, a dut socket for easy device swapping, a user led and a reset button. microstick for 5v pic24 k-series development board (dm240013-2) microstick for 5v pic24 k-series mcus is a low-cost, extremely portable usb powered platform. it includes an on-board programmer/debugger and helps designers get started with microchips 5v pic24 k-series microcontrollers. general purpose 16-bit development boards description part number devices supported pic24f pic24h/e dspic33f/e mplab starter kit for pic24f mcus dm240011 C C pic24e usb starter kit dm240012 C C dspic33e usb starter kit dm330012 C C microstick for dspic33f and pic24h development board dm330013 C microstick for 3v pic24 k-series development board dm240013-1* C C microstick ii development board dm330013-2 microstick for 5v pic24 k-series development board dm240013-2** C C explorer 16 development board dm240001 *for use with 3v pic24 k-series devices **for use with 5v pic24 k-series devices
15 16-bit embedded control solutions general purpose development and evaluation tools explorer 16 development board (dm240001/dm240002) this development board offers an economical way to evaluate microchips 16-bit mcus and dspic dsc families. the combination of versatility and expandability and the supporting pictail plus daughter cards allow designers to evaluate complex software libraries and hardware with minimal time and effort. features include: processor plug-in modules (pims) ? ??? dm240001: two interchangeable 100-pin pims, one each for the pic24fj128ga010 and the dspic33fj256gp710 dsc plus daughter cards allow designers to evaluate complex ? ??? dm240002: features a pim for the 44-pin pic24fj64ga004 and dspic33fj32gp204 mcus ? ??? many other processor pims available for easy device swapping alpha-numeric 16 2 lcd display interfaces to mplab icd 3 in-circuit debugger, mplab real ice in-circuit emulator and rs-232 includes microchips tc1047a high-accuracy analog output temperature sensor expansion connector to fully access devices pin-out and breadboard prototyping area pictail plus connector for expansion boards full documentation includes users guide, schematics and pcb layout at www.microchip.com/explorer16 . pictail plus daughter boards allow for the easy addition of complex hardware allow for the easy evaluation of software libraries provide expansion for application-specif c hardware description part number devices supported pic24 dspic? dsc consumer-band bpsk 7.2 kbps plm pictail? plus daughter board ac164142 C 9 utility-band bpsk 6.0 kbps plm pictail plus daughter board ac164145 C 9 can/lin pictail plus daughter board ????two?ecan?mcp2551?transceivers ????two?lin?mcp2021-330?transceivers ac163130 9 9 pictail plus daughter board for sd/mmc ????spi?to?sd/mmc?interface ac164122 9 9 irda? pictail plus daughter board ????irda?transceiver?for?irda?enabled?uart ac164124 9 9 speech playback pictail plus daughter board ????adaptive?differential?pulse?code?modulation?(adpcm)?speech?pla yback?and?recording ac164125 9 9 prototype pictail plus daughter board ????pictail?plus?expansion?board ac164126 9 9 graphic pictail plus daughter board ????enables?graphics?display?via?pmp ac164127-3 9 9 audio pictail plus daughter board ????full?duplex?speech?and?audio?applications ac164129 9 9 usb pictail plus daughter board ????usb?device,?host?and?otg?expansion ac164131 9 9 fast 100 mbps ethernet pictail plus daughter board ????stand?alone?enc624j600?ethernet?controller ac164132 9 9 buck/boost converter pictail plus daughter board ????two?independent?dc/dc?synchronous?buck?converters ????independent?dc/dc?boost?converter ac164133 C 9 thermal/linear intelligent sensor pictail plus daughter board ????signal?input?and?conditioning?for?thermocouples?and?linear?sensors ????tc1047/1047a?temperature?to?voltage?converter ac164135 9 9 mcp2515 pictail plus daughter board ????stand?alone?can?controller?expansion?board mcp2515dm 9 9 mcp42xx pictail plus daughter board ????mcp42xx?digital?potentiometer?expansion?board mcp42xxdm 9 9 mcp4725 pictail plus daughter board ????12-bit?dac?+?non-volatile?memory mcp4725dm 9 9 wireless mrf24j40mb 802.15.4 pictail/pictail plus with pcb antenna (2.4 ghz) ac164134-2 9 9 wireless mrf89xam8a pictail/pictail plus daughter board (868 mhz) ac164138-1 9 9 wireless mrf89xam9a pictail/pictail plus daughter board (915 mhz) ac164138-2 9 9 wireless mrf24j40mc 802.15.4 pictail/pictail plus with u.fl connector (2.4 ghz) ac164143 9 9 wireless rn-131 wi-fi? long range pictail development board rn-131-pictail 9 C wireless rn-171 wi-fi low range pictail development board rn-171-pictail 9 C
16 16-bit embedded control solutions world class development tools mplab x ide universal and integrated tool set mplab x ide is a single, universal graphical user interface for microchip and third party software and hardware development tools. it is the industrys only ide to support an entire portfolio of 8-bit, 16-bit and 32-bit pic mcus, dspic dscs and memory devices. mplab x supports microchips compilers, emulators, debuggers and starter kits, as well as many third-party tools. moving between all of your favorite microchip tools and upgrading from software simulators to hardware debugging and programming tools is simple with this ides seamless user interface. powerful yet user-friendly interface with complete project management, visual call graphs, a configurable watch window and a feature-rich editor that includes code-completion, context menus and a task navigator, mplab x is flexible and friendly enough for new users. mplab x is also fully equipped for the needs of experienced users with the ability to support multiple tools on multiple projects with multiple configurations and simultaneous debugging. open-source platform based on the netbeans? platform, mplab x supports a host of free software components and plug-ins from the netbeans community for high-performance application development customized to your needs. in addition to local file history, mplab x is also compatible with revision control plug-ins and bugzilla. cross-platform using mplab x, users can run their favorite toolset and develop their next embedded application on windows?, linux? or mac? os x. mplab xc16 c compiler for pic24 mcus and dspic dscs the mplab xc16 c compiler includes a complete ansi c standard library, including string manipulation, dynamic memory allocation, data conversion, timekeeping and math libraries. the compiler has a powerful code optimizer. other 16-bit mcu compilers generate as much as 165% larger code for the same application. the assembler comes with the mplab xc c compiler and may be used with the compiler or as an assembler. it is a full-featured macro assembler. user defined macros, conditional assembly and a variety of assembler directives make the assembler a power code generation tool. available for mplab x ide mplab x sim software simulator the mplab x sim software simulator is a full-featured, cycle-accurate software simulator. in addition to simulating the cpu and the instruction set, it also supports key peripherals. download a full-featured, time-restricted evaluation version of the mplab xc16 c compiler for pic24 mcus or dspic dscs from the microchip web site. www.microchip.com/compilers
17 16-bit embedded control solutions software tools for easy debug and development: dsp and math libraries and advanced debug dspic dsp library the dspic dsp library provides a set of speed optimized functions for the most common digital signal processing applications. in total, 49 functions are supported by the dsp library. it is part of the 16-bit language tools libraries. the dsp library provides significant performance savings over equivalent functions coded in c and allows developers to dramatically shorten their development time. the functions are callable from both c and assembly. fixed point math library for pic24 mcus and dspic dscs the i/q fixed point math library provides a set of speed- optimized functions for the most common digital signal processing applications. this library provides significant performance savings over equivalent functions coded in c and allows developers to dramatically shorten their development time. the i/q math library includes over 65 general-purpose functions composed of 28 functions supporting q15 math and thirty seven functions supporting q16 math. the iq math functions are callable from both c and assembly. floating point math library for pic24 mcus and dspic dscs the ieee-754 compliant floating point math library is the compiled version of the math library that is distributed with the highly optimized, ansi-compliant mplab xc16 c compiler. it contains advanced single and double-precision floating-point arithmetic and trigonometric functions from the standard c header file . the library delivers small program code size and data size, reduced cycles and high accuracy. real-time data monitor (rtdm) the real-time data monitor saves development and testing time for embedded control applications. rtdm allows users to make a change to a software parameter and see the effect immediately without stopping the application execution. a serial usb or uart cable supports bi-directional data transfers between the host pc and the mcu/dsc. data monitor & control interface: a free mplab x ide plug-in the data monitor and control interface (dmci) provides dynamic access and control of software variables. it is useful for tuning application parameters and viewing run-time application data graphically. software parameter changes are updated during run-time. feature highlights include: mplab x project aware: the current device and software variables are recognized automatically by dmci compiler independent debug tool independent provides effortless graphical analysis of application data matlab device blocks for mplab x ide the microchip device blocksets for matlab simulink provide a set of interface-compliant configuration and run- time peripheral blocks for the dspic30 and dspic33 dscs. complete applications can be created in the form of a matlab/simulink model using blocksets provided by microchip and simulink. c code for the application will be generated. these blocksets are compatible with the matlab plug-in available in mplab x ide. many examples in the form of demo models are also provided, including a complete bldc motor control application. dspicworks? data analysis and dsp software the dspicworks data analysis and dsp software makes it easy to evaluate and analyze dsp algorithms. you can run a variety of dsp and arithmetic operations and analyze your data in both time and frequency domain. digital filter design tool the digital filter design tool makes designing and analyzing fir and iir filters easy. when the user enters frequency specifications, the tool automatically generates the filter code and coefficients. graphical output windows provide the desired filters characteristics.
18 16-bit product families pic24 16-bit microcontrollers (mcus) family pins flash memory kbytes sram kbytes 16-bit timers input capture output compare analog communications serial i/o additional features pic24f family: 16 mips, lowest cost, lowest power, general purpose pic24f k families 14C48 4C32 0.5C2 3C5 timers 1C3 ic 1C3 oc 10-bit adc (500 ksps) or 10/12-bit adc (200/100 ksps), 7C16 ch., 3 comparators uart (2), spi (1/2), i 2 c? (1/2) eeprom, ctmu, rtcc, deep sleep pic24f ga/gb families 28C100 16C256 4C96 5 timers 5C9 ic 5C9 oc 10-bit adc (500 ksps) or 10/12-bit adc (200/100 ksps), 9C24 ch., 2/3 comparators, ctmu uart (2/4), spi (2/3), i 2 c (2/3), usb-otg lcd, dma, pps, pmp, rtcc, crc, deep sleep, jtag, v bat pic24f gc families 64C100 64C128 8 5 timers 5 ic 5 oc 16-bit sigma delta adc, 2 ch. 12-bit 10 msps adc, 50 ch. 10-bit dac, 2 ch. 2 op amps ctmu uart (2) spi (2) i 2 c (2) usb-otg lcd, dma, pps, pmp, rtcc, crc, deep sleep, jtag, v bat pic24f d families 64C100 128C256 24C96 5 timers 9 ic 9 oc 10-bit adc (500 ksps), 16C24 ch., 3 comparators, ctmu uart (4), spi (3), i 2 c (3), usb-otg graphics display controller pps, pmp, rtcc, crc, jtag pic24h family: 40 mips, high performance, general purpose pic24h gp families 18C100 12C256 1C16 3C9 timers 4C8 ic 2C8 oc user selectable 12-bit adc (500 ksps) or 10-bit adc (1.1 msps), 8C32 ch. uart (1-2), spi (1C2), i 2 c (1C2), can 8 ch. dma, pps, pmp, rtcc, crc, jtag,high temperature (150c) options pic24e family: 70 mips, high performance, general purpose and motor control pic24e gp families* 28C64 64 16 5 timers 4 ic 4 oc user selectable 12-bit adc (500?ksps) or 10-bit adc (1.1?msps), 6C16 ch., 4 analog comparators, 3 op amps uart, can, spi, i 2 c mtouch?, dma pic24e mc families* 28C64 64 16 5 timers 4 ic 4 oc user selectable 12-bit adc (500?ksps) or 10-bit adc (1.1?msps), 6C16 ch., 4 analog comparators, 3 op amps uart, can, spi, i 2 c mtouch, 6 motor control pwm outputs, dma pic24e gu families* 64C144 256C512?+ 24 aux flash 53 9 timers 16 ic 16 oc two user selectable adcs at 12-bit (500?ksps) or 10-bit (1.1?msps), 24C32 ch., 3 analog comparators uart, can, spi, i 2 c usb, dma, pmp parallel port dspic? digital signal controllers (dscs) family max speed pins program memory (kbytes) ram (bytes) 8/16/32-bit timers (?8, ?16, ?32) a/d ch. a/d res. (bits) a/d sample (ksps) analog comp communication peripherals pwm ch. pwm type additional features 16-bit dscs: general purpose dspic33f families* 40 mips 18C100 12C256 1kC30k 3C9??16 6C32 10 or 12 500k or 1.1m 0C2 uart, i 2 c?, spi, can, dci 2C8 standard flash security, jtag, dma, pmp, rtcc, dac, crc dspic33e gp families* 70 mips 28C64 32C512 4C48k 5 ??16 6C16 10 or 12 500k or 1.1m 4 uart, i 2 c, spi, can 8 standard flash security, on-chip op amps, mtouch, jtag, dma, crc 16-bit dscs: motor control dspic33f families* 40 mips 20C100 12C256 1kC30k 3C9??16 4C24 10 or 12 500k or 1.1m 0C2 uart, i 2 c, spi, can 6C8 motor ctrl. flash security, jtag, dma, pmp, rtcc, crc, qei dspic33e mu families* 70 mips 64C144 280C536 28kC52k 9??16 24C32 10 or 12 500k or 1.1m 3 uart, i 2 c, spi, can, usb-otg 14 motor ctrl. flash security, jtag, dma, pmp, rtcc, crc, qei, dual adc dspic33e mc families* 70 mips 28C64 32C512 4C48k 5??16 6C16 10 or 12 500k or 1.1m 4 uart, i 2 c, spi, can 6 motor ctrl. flash security, on-chip op amps, mtouch, jtag, dma, crc, qei, ptg, pmp dspic33e gm families* 70 mips 44C121 128C512 16C48k 9??16, 4??32 18C49 10 or 12 500k or 1.1m 5 uart, i 2 c, spi, can, dci 12 motor ctrl. flash security, on-chip op amps, mtouch, jtag, dma, crc, qei, ptg, pmp, dual adc 16-bit dscs: digital power conversion dspic33f gs families 50 mips 18C100 6C64 256C9k 2C5??16 6C24 10 2m or 4m 0C4 uart, i 2 c, spi, can 4C18 high- speed flash security, jtag, dma, 10-bit dac output *parts available with high temperature options. all parts available with industrial and extended temperature options. for a complete listing of 16-bit microcontrollers and dspic digital signal controllers, see the product selector guide (ds00001308) or visit www.microchip.com/16bit or use micorchips advanced product selector tool. www.microchip.com/16-bit 16-bit embedded control solutions
19 16-bit embedded control solutions 16-bit packages microchip quick web links 16-bit mcus and dscs home page www.microchip.com/16bit advanced part selector www.microchip.com/maps application notes www.microchip.com/applicationnotes connectivity www.microchip.com/connectivity datasheet finder tool www.microchip.com/datasheets digital power www.microchip.com/power extreme low power www.microchip.com/xlp graphics www.microchip.com/graphics motor control www.microchip.com/motor segmented displays www.microchip.com/lcd software libraries www.microchip.com/libraries touch sensing www.microchip.com/mtouch 18-lead pdip (p) 22.81 7.95 3.3 mm (lead pitch: 0.1 inches) 28-lead spdip (sp) 34.67 7.87 3.3 mm (lead pitch: 0.1 inches) 40-lead pdip (p) 52.27 15.24 3.81 mm (lead pitch: 0.1 inches) 20-lead pdip (p) 26.24 7.87 3.3 mm (lead pitch: 0.1 inches) 18-lead soic (so) 11.53 10.34 2.31 mm (lead pitch: 1.27 mm) 28-lead soic (so) 17.88 10.34 2.31 mm (lead pitch: 1.27 mm) 20-lead soic (so) 12.80 10.34 2.31 mm (lead pitch: 1.27 mm) 20-lead ssop (ss) 7.2 7.85 1.85 mm (lead pitch: 0.65 mm) 28-lead ssop (ss) 10.2 7.8 2 mm (lead pitch: 0.65 mm) 14-lead tssop (st) 5.0 6.4 1.2 mm (lead pitch: 0.65 mm) 64-lead qfn (mr) 9 9 0.5 mm (lead pitch: 0.5 mm) 28-lead qfn (mq) 5 5 mm (lead pitch: 0.65 mm) 28-lead qfn (mm & ml) 6 6 0.9 mm (lead pitch: 0.65 mm) 36-lead vtla (tl) 5 5 0.9 mm (lead pitch: 0.5 mm) 44-lead vtla (tl) 6 6 0.9 mm (lead pitch: 0.5 mm) 44-lead qfn (ml) 8 8 0.65 mm (lead pitch: 0.65 mm) 144-lead tqfp (ph) 16 16 1 mm (lead pitch: 0.4 mm) 144-lead lqfp (pl) 20 20 1.4 mm (lead pitch: 0.5 mm) 44-lead tqfp (pt) 10 10 1 mm (lead pitch: 0.8 mm) 64-lead tqfp (pt) 10 10 1 mm (lead pitch: 0.5 mm) 100-lead tqfp (pt) 12 12 1 mm (lead pitch: 0.4 mm) 80-lead tqfp (pt) 12 12 1 mm (lead pitch: 0.5 mm) 121-ball bga (bg) 10 10 0.8 mm (lead pitch: 0.8 mm) 20-lead qfn (mq) 5 5 0.9 mm (lead pitch: 0.65 mm) 14-lead pdip (p) 19 6.35 3.3 mm (lead pitch: 0.1 inches) 64-lead tqfp (pf) 14 14 1 mm (lead pitch: 0.8 mm) 80-lead tqfp (pf) 14 14 1 mm (lead pitch: 0.65 mm) 100-lead tqfp (pf) 14 14 1 mm (lead pitch: 0.5 mm) die/wafer (wlcsp) for more information about chipscale packaging options, please visit www.microchip.com/packaging .
microchip technology inc. 2355 w. chandler blvd. chandler, az 85224-6199 www.microchip.com support microchip is committed to supporting its customers in developing products faster and more efficiently. we maintain a worldwide network of field applications engineers and technical support ready to provide product and system assistance. in addition, the following service areas are available at www.microchip.com: support link provides a way to get questions answered fast: http://support.microchip.com sample link offers evaluation samples of any microchip device: http://sample.microchip.com forum link provides access to knowledge base and peer help: http://forum.microchip.com buy link provides locations of microchip sales channel partners: www.microchip.com/sales training if additional training interests you, then microchip can help. we continue to expand our technical training options, offering a growing list of courses and in-depth curriculum locally, as well as significant online resources C whenever you want to use them. technical training centers and other resources: www.microchip.com/training masters conferences: www.microchip.com/masters worldwide seminars: www.microchip.com/seminars elearning: www.microchip.com/webseminars sales of? ce listing americas atlanta tel: 678-957-9614 austin tel: 512-257-3370 boston tel: 774-760-0087 chandler tel: 480-792-7200 chicago tel: 630-285-0071 cleveland tel: 216-447-0464 dallas tel: 972-818-7423 detroit tel: 248-538-2250 houston tel: 281-894-5983 indianapolis tel: 317-773-8323 los angeles tel: 949-462-9523 new york tel: 631-435-6000 san jose tel: 408-735-9110 toronto mississauga, ontario tel: 905-673-0699 europe austria - wels tel: 43-7242-2244-39 denmark - copenhagen tel: 45-4450-2828 france - paris tel: 33-1-69-53-63-20 germany - dusseldorf tel: 49-2129-3766400 germany - munich tel: 49-89-627-144-0 germany - pforzheim tel: 49-7231-424750 italy - milan tel: 39-0331-742611 italy - venice tel: 39-049-7625286 netherlands - drunen tel: 31-416-690399 poland - warsaw tel: 48-22-3325737 spain - madrid tel: 34-91-708-08-90 sweden - stockholm tel: 46-8-5090-4654 uk - wokingham tel: 44-118-921-5800 asia/pacific australia - sydney tel: 61-2-9868-6733 china - beijing tel: 86-10-8569-7000 china - chengdu tel: 86-28-8665-5511 china - chongqing tel: 86-23-8980-9588 china - hangzhou tel: 86-571-2819-3187 china - hong kong sar tel: 852-2943-5100 china - nanjing tel: 86-25-8473-2460 china - qingdao tel: 86-532-8502-7355 china - shanghai tel: 86-21-5407-5533 china - shenyang tel: 86-24-2334-2829 china - shenzhen tel: 86-755-8864-2200 china - wuhan tel: 86-27-5980-5300 china - xiamen tel: 86-592-2388138 china - xian tel: 86-29-8833-7252 china - zhuhai tel: 86-756-3210040 asia/pacific india - bangalore tel: 91-80-3090-4444 india - new delhi tel: 91-11-4160-8631 india - pune tel: 91-20-3019-1500 japan - osaka tel: 81-6-6152-7160 japan - tokyo tel: 81-3-6880-3770 korea - daegu tel: 82-53-744-4301 korea - seoul tel: 82-2-554-7200 malaysia - kuala lumpur tel: 60-3-6201-9857 malaysia - penang tel: 60-4-227-8870 philippines - manila tel: 63-2-634-9065 singapore tel: 65-6334-8870 taiwan - hsin chu tel: 886-3-5778-366 taiwan - kaohsiung tel: 886-7-213-7830 taiwan - taipei tel: 886-2-2508-8600 thailand - bangkok tel: 66-2-694-1351 10/28/13 information subject to change. the microchip name and logo, the microchip logo, dspic, mplab and pic are registered trademarks and pictail, pickit, miwi, real ice, dspicdem, zena, dspicworks and mtouch are trademarks of microchip technology incorporated in the u.s.a. and other countries. all other trademarks mentioned herein are property of their respective companies. ? 2013, microchip technology incorporated. all rights reserved. printed in the u.s.a. 12/13 ds00001 032m


▲Up To Search▲   

 
Price & Availability of PIC33FJ32MC104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X